Part Number Hot Search : 
DWR2G AD5532 B1561 BCW60B LA38B PXA90 DP000 A5801017
Product Description
Full Text Search
 

To Download AM15EW-11024SIZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series am15ew-iz 15 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.g 1 of 5 north america only features: models single output model input voltage (v) output voltage (v) output current max (a) ripple & noise typ (mvp-p) max capacitive load (f) isolation (vdc) efficiency (%) am15ew-2403siz 9-36 3.3 4 80 8100 1500 77 am15ew-2405siz 9-36 5 3 80 4700 1500 80 am15ew-2412siz 9-36 12 1.25 120 680 1500 85 am15ew-2415siz 9-36 15 1 150 470 1500 84 am15ew-4803siz 18-75 3.3 4 80 8100 1500 77 am15ew-4805siz 18-75 5 3 80 4700 1500 80 am15ew-4812siz 18-75 12 1.25 120 680 1500 85 am15ew-4815siz 18-75 15 1 150 470 1500 84 am15ew-11005siz 36-160 5 3 80 4700 1500 80 am15ew-11012siz 36-160 12 1.25 120 680 1500 82 am15ew-11015siz 36-160 15 1 150 470 1500 80 AM15EW-11024SIZ 36-160 24 0.625 240 220 1500 80 am15ew-2403sh30iz 9-36 3.3 4 80 8100 3000 74 am15ew-2405sh30iz 9-36 5 3 80 4700 3000 78 am15ew-2412sh30iz 9-36 12 1.25 120 680 3000 80 am15ew-2415sh30iz 9-36 15 1 150 470 3000 83 am15ew-4803sh30iz 18-75 3.3 4 80 8100 3000 76 am15ew-4805sh30iz 18-75 5 3 80 4700 3000 75 am15ew-4812sh30iz 18-75 12 1.25 120 680 3000 79 am15ew-4815sh30iz 18-75 15 1 150 470 3000 83 models dual output model input voltage (v) output voltage (v) output current max (a) ripple & noise typ (mvp-p) max capacitive load (f) isolation (vdc) efficiency (%) am15ew-2405diz 9-36 5 1.5 80 2300 1500 80 am15ew-2412diz 9-36 12 0.625 120 340 1500 85 am15ew-2415diz 9-36 15 0.5 150 230 1500 84 am15ew-4805diz 18-72 5 1.5 80 2300 1500 80 am15ew-4812diz 18-72 12 0.625 120 340 1500 85 am15ew-4815diz 18-72 15 0.5 150 230 1500 84 am15ew-11005diz 36-160 5 1.5 80 2300 1500 78 am15ew-11012diz 36-160 12 0.62 120 340 1500 80 am15ew-11015diz 36-160 15 0.5 150 230 1500 81 am15ew-2405dh30iz 9-36 5 1.5 80 2300 3000 79 am15ew-2412dh30iz 9-36 12 0.62 120 340 3000 83 am15ew-2415dh30iz 9-36 15 0.5 150 230 3000 83 am15ew-4805dh30iz 18-72 5 1.5 80 2300 3000 78 am15ew-4812dh30iz 18-72 12 0.62 120 340 3000 80 am15ew-4815dh30iz 18-72 15 0.5 150 230 3000 82 note: all specifications in this datasheet are measured at an ambient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specified. ? rohs compliant ? ? wide 4:1 input range ? ? low ripple and noise ? ? remote on/off control ?
series am15ew-iz 15 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.g 2 of 5 north america only input specifications parameters nominal typical maximum units voltage range 24 48 110 9-36 18-75 36-160 vdc filter ? ? isolation specifications parameters conditions typical rated units tested i/o voltage 60 sec 1500 & 3000 vdc resistance > 1000 mohm capacitance 1800 pf output specifications parameters conditions typical maximum units voltage accuracy 2 % short circuit protection continuous short circuit restart auto recovery over voltage protection zener diode clamp protection over load protection auto recovery over 110% full load line voltage regulation (single) hl-ll 0.5 % line voltage regulation (dual) hl-ll 0.5 % load voltage regulation (single) 0-100% 0.5 % load voltage regulation (dual) 0-100% 2 % temperature coefficient 0.05 %/ o c recommended input fuse (slow blow) 24 vin 4a/250v 48 vin 2a/250v 110 vin 1a/250v general specifications parameters conditions typical maximum units switching frequency 100% load 200 khz operating temperature with derating above +50 -40 to +85 o c storage temperature -55 to +115 o c max case temperature 95 o c cooling free air convection humidity 95 % case material nickel coated copper with non-conductive base weight 33 g dimensions(l x w x h) tolerance 0.5mm 2.00 x 1.00 x 0.40 inches 50.80 x 25.40 x 10.50 mm mtbf > 800 000 hrs (mil-hdbk -217f, ground benign, t=+25 o c) soldering temperature for max 10 sec 260 o c
series am15ew-iz 15 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.g 3 of 5 north america only safety specifications parameters agency approvals ce standards en 55022 class b, en 55024 iec61000-3-2 iec61000-3-3 iec61000-4-2, perf. criteria b iec61000-4-3 perf. criteria a iec61000-4-4, perf. criteria b iec61000-4-6, perf. criteria a iec61000-4-8, perf. criteria a note: also designed to meet standard iec 60950-1:2001 pin out specifications dimensions pin single dual 1 on/off control on/off control 2 -v input -v input 3 +v input +v input 4 -v output -v output 5 no pin common 6 +v output +v output 6.00 (0.24) notes: all dimensions are typical in millimeters (inches). tolerance 0.25 (0.01) dia 1.00 (0.04) 50.80 (2.00) 25.40 (1.00) 10.50 (0.41) 1 2 3 4 5 bottom view 20.32 (0.80) 15.24 (0.60) 15.24 (0.60) 7.62 (0.30) 10.16 (0.40) 5.08 (0.20) 10.16 (0.40) 10.16 (0.40) 6 2.54 (0.10) 2.54 (0.10)
series am15ew-iz 15 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.g 4 of 5 north america only derating -40 -20 0204060 80 100 100 80 60 40 20 0 safe operating area output power (%) 85 ambient temperature o c free air convection 50 o c
series am15ew-iz 15 watt | dc-dc converter www.aimtec.com tel: +1 514 620 2722 toll free: + 1 888 9 aimtec (924 6832) f 051e r8.g 5 of 5 north america only block diagram note: 1. datasheets are updated as needed and as such, specifications ar e subject to change without notic e. once printed or downloaded , datasheets are no longer controlled by aimtec; refer to www.aimtec.com for the most current product specifications. 2. product labels shown, including safety agency cert ifications on labels, may vary based on the date manufactured. 3. mechanical drawings and specifications are for reference only. 4. all specifications are measured at an am bient temperature of 25c, humidity<75%, nominal input voltage and at rated output load unless otherwise specifie d. 5. aimtec may not have conducted destructive testing or chemical analysis on all internal components and chemicals at the time of publishing this document. cas numbers and other limited information are considered proprietary an d may not be available for release. 6. this product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control sys tems or other such applications which necessitate specific safety and regulatory standards ot her the ones listed in this datasheet. 7. warranty is in accordance with aimtec?s st andard terms of sale available at www.aimtec.com.


▲Up To Search▲   

 
Price & Availability of AM15EW-11024SIZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X